Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Rev. 1.00
8
November 16, 2011
HT16L21
A.C. Characteristics
Unless otherwise specified, VDD =1.8 to 5.5V; VSS = 0 V; Ta =-40~85°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
fLCD1
LCD Frame Frequency
—
Ta=25°C,
VDD=3.3V
Frame frequency is set
to 64Hz
57.6
64
70.4
Hz
Frame frequency is set
to 85.3Hz
76
85.3
94.0
Frame frequency is set
to 128Hz
115.2
128
140.8
Frame frequency is set
to170.6Hz
152
170.6
188.0
fLCD2
—
Ta=-40~85°C,
VDD=2.5~5.5V
Frame frequency is set
to 64Hz
51.2
64
83.0
Hz
Frame frequency is set
to 85.3Hz
68
85.3
111
Frame frequency is set
to 128Hz
102.4
128
166
Frame frequency is set
to170.6Hz
136
170.6
222
fLCD3
—
Ta=-40~85°C
VDD=1.8~2.5V
Frame frequency is set
to 64Hz
45.0
—
64
Hz
Frame frequency is set
to 85.3Hz
59.0
—
85.3
Frame frequency is set
to 128Hz
90.0
—
128
Frame frequency is set
to170.6Hz
118.0
—
170.6
tSR
VDD Slew Rate
3.3
—
0.05
—
—
V/ms
5.0
tPOF
VDD Off Times
3.3
VDD drop down to 0.9V
10
—
—
ms
5.0
tRSON
RSTB Input Time
3.3 When RSTB signal is externally input
from a microcontroller etc.
250
—
—
ns
5.0
3.3 R=100kΩ and C=0.1μF
(see application circuit)
—
100
—
ms
5.0
tRW
RSTB Pulse Width
3.3 When RSTB signal is externally input
from a microcontroller etc.
400
—
—
ns
5.0
tRSOFF
Wait Time for Data
Transfers
3.3
2-wire I2C or 3-wire SPI interface
1
—
—
ms
5.0
Note:fLCD=1/tLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com