Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Rev. 1.00
6
November 16, 2011
HT16L21
D.C. Characteristics
VSS=0V; VDD=1.8V to 5.5V; Ta=-40~85°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Operating Voltage
—
—
1.8
—
5.5
V
VLCD
LCD Operating Voltage —
—
2.4
—
6.0
V
VIH
Input High Voltage
— CSB, CLK, DIO, RSTB
0.7VDD
—
VDD
V
VIL
Input Low Voltage
— CSB, CLK, DIO, RSTB
0
—
0.3VDD
V
IIL
Input Leakage Current
— VIN=VSS or VDD
-1
—
1
μA
IOH
High Level Output
Current
2.0V
VOH=0.9VDD for DIO pin
-2
—
—
mA
3.3V
-6
—
—
mA
5.0V
-12
—
—
mA
IOL
Low Level Output
Current
2.0V
VOL=0.4V for SDA/DIO pin
3
—
—
mA
3.3V
6
—
—
mA
5.0V
9
—
—
mA
IDD
Operating Current
2.0V No load, fLCD=64Hz, 1/3bias, LCD
display on, Internal system oscillator
on, VLCD pin input voltage=5V, disable
integrated regulator
—
1
2.5
μA
3.3V
—
2
5
μA
5.0V
—
4
10
μA
ILCD1
Operating Current
2.0V
No load, fLCD=64Hz, 1/3bias, LCD
display on, Internal system oscillator
on, VLCD pin input voltage=5V, disable
integrated regulator
—
25
40
μA
ILCD2
Operating Current
2.0V
No load, fLCD=64Hz, 1/3bias, LCD
display on, Internal system oscillator on,
VLCD pin input voltage=5.5V, regulator
output is set to 5V
—
30
52
μA
ISTB1
Standby Current for VDD
3.3V No load, 1/3bias, LCD display off,
internal system oscillator off
—
—
1
μA
5.0V VLCD pin input voltage =5V,
disable integrated regulator
—
—
2
μA
ISTB2
Standby Current for
VLCD
3.3V No load, 1/3bias, LCD display off,
internal system oscillator off
—
—
1
μA
5.0V VLCD pin input voltage =5V,
disable integrated regulator
—
—
2
μA
Vreg
Regulator Output
—
VLCD pin input voltage=5.5V, regulator
output is set to 4.5V, Ta=-40°C~85°C
4.35
4.5
4.65
V
VLCD pin input voltage=5.5V, regulator
output is set to 4.5V, Ta=25°C
4.42
4.5
4.58
V
IOL1
LCD Common Sink
Current
—
VLCD=3.3V, VOL=0.33V,
disable integrated regulator
250
400
—
μA
VLCD=5V, VOL=0.5V,
disable integrated regulator
500
800
—
μA
IOH1
LCD Common Source
Current
—
VLCD=3.3V, VOH=2.97V,
disable integrated regulator
-140
-230
—
μA
VLCD=5V, VOH=4.5V,
disable integrated regulator
-300
-500
—
μA
IOL2
LCD Segment Sink
Current
—
VLCD=3.3V, VOL=0.33V,
disable integrated regulator
250
400
—
μA
VLCD=5V, VOL=0.5V,
disable integrated regulator
500
800
—
μA
IOH2
LCD Segment Source
Current
—
VLCD=3.3V, VOH=2.97V,
disable integrated regulator
-140
-230
—
μA
VLCD=5V, VOH=4.5V,
disable integrated regulator
-300
-500
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com