Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Rev. 1.00
21
November 16, 2011
HT16L21
SPI Serial Interface
SPI Operation
Thedevicealsoincludesa3-wireSPIserialinterface.TheSPIoperationsaredescribedasfollows:
• TheCSBpinisusedtoactivatethedatatransfer.WhentheCSBpinisatahighlevel,theSPIoperationwillbe
resetandstopped.IftheCSBpinchangesstatefromhightolow,datatransmissionwillstart.
• ThedataistransferredfromtheMSBofeachbyteandisshiftedintotheshiftregisteroneachCLKrisingedge.
• Theinputdataisautomaticallylatchedintotheinternalregisterforeach8-bitinputdataaftertheCSBsignal
goeslow.
• Forreadoperations,theMCUshouldassertahighpulseontheCSBpintochangethedatatransferdirection
frominputmodetooutputmodeontheDIOpinaftersendingthecommandbyteandthesettingvalues.Ifthe
MCUsetstheCSBsignaltoahighlevelagainafterreceivingtheoutputdata,thedatadirectionontheDIOpin
willbechangedintoinputmodeandthereadoperationwillend.
• Forareadoperation,thedataisoutputontheDIOpinattheCLKfallingedge.
• FordisplayRAMdataread/writeoperationsusingtheSPIinterface,theread/writecontrolbitiscontainedin
theDisplayDataInputCommand.RefertotheDisplayDataInputCommanddescriptionformoredetails.
SPI Interface Write Operation
Byte Write Operation
• Single Command Type
ASingleCommandwriteoperationisactivatedbytheCSBsignalgoinglow.The8-bitcommandbyteis
shiftedfromtheMSBintotheshiftregisterateachCLKrisingedge.
BIT7
CSB
CLK
DIO
Command byte
BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0
SPI Single Command Type Write Operation
• Compound Command Type
Foracompoundcommand,an8-bitcommandbyteisfirstshiftedintotheshiftregisterfollowedbyan8-bit
commandsetting.NotethattheCLKhighpulsewidth,afterthecommandbytehasbeenshiftedin,must
remainatthislevelforatleast2μsafterwhichthecommandsettingdatacanbeconsecutivelyshiftedin.
CSB
CLK
DIO
Command byte
Command setting
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1
2μs(min)
Bit6 Bit5 Bit4 Bit3 Bit2 Bit1
Bit7
Bit0
Bit0
SPI Compound Command Type Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com