Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT16L21 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev. 1.00
1
November 16, 2011
Rev. 0.00
PB
November 16, 2011
HT16L21
RAM Mapping 32×4 LCD Driver
Feature
• Logicoperatingvoltage:1.8V~5.5V
• LCDoperatingvoltage(VLCD):2.4V~6.0V
• ExternalVLCDpintosupplyLCDoperatingvoltage
• Internal32kHzRCoscillator
• Bias:1/2or1/3;Duty:1/4
• InternalLCDbiasgenerationwithvoltage-follower
buffers
• IntegratedregulatortoadjustLCDoperatingvoltage:
3.0V,3.2V,3.3V,3.4V,4.4V,4.5V,4.6V,5.0V
• IntegratedLEDdriver
• SupportI2CorSPI3-wireserialinterface
controlledbyIFSpin
• FourselectableLCDframefrequencies:
64Hzor85.3Hzor128Hzor170.6Hz
• 32×4bitsRAMfordisplaydatastorage
• Max.32×4pixel:32segmentsand4commons
• Supporttwodriveroutputmodesegment/LEDon
SEG24~SEG31/LED7~LED0
• Versatileblinkingmodes:off,0.5Hz,1Hz,2Hz
• R/Waddressautoincrement
• Lowpowerconsumption
• ManufacturedinsilicongateCMOSprocess
• Packagetypes:44LQFP
Applications
• Leisureproducts
• Games
• Telephonedisplay
• Audiocombodisplay
• Videoplayerdisplay
• Kitchenappliancedisplay
• Measurementequipmentdisplay
• Householdappliance
• Consumerelectronics
General Description
TheHT16L21deviceisamemorymappingand
multi-functionLCDcontroller/driver.Thedisplay
segmentsofthedeviceare128patterns(32segments
and4commons)display.ItcanalsosupportLED
driveoutputsoncertainSegmentpins.Thesoftware
configuration feature of the HT16L21 device
makesitsuitableformultipleLCDapplications
includingLCDmodulesanddisplaysubsystems.
The HT16L21 device communicates with most
microprocessors/microcontrollersviaatwo-wire
bidirectionalI2Corathree-wireSPIinterface.


Similar Part No. - HT16L21

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
RAM Mapping 32횞4 LCD Driver
More results

Similar Description - HT16L21

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
RAM Mapping 32x4 LCD Controller for I/O C
July 26, 1999
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O C
April 21, 2000
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O MCU
August 6, 2003
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
March 27, 2007
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
RAM Mapping 32x4 LCD Controller for I/O MCU
June 29, 2005
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
RAM Mapping 32횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
RAM Mapping 40x4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
RAM Mapping 36횞4 LCD Driver
HT1628 HOLTEK-HT1628 Datasheet
1Mb / 17P
RAM Mapping 116횞2 LCD Driver
December 20, 2016
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com