Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Rev. 1.00
24
November 16, 2011
HT16L21
Command Summary
Software Reset Command
ThiscommandisusedtoinitializetheHT16L21device.
Function
Byte (MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1 (LSB)
Bit0
Note R/W
Def
Soft Reset Command
1st
1
0
1
0
1
0
1
0
—
W
—
Note:
● When this software reset command is executed, all the command registers are initialized to the default values.
● After the reset command is executed, the device will experience an internal initialization for 1ms.
● Normal operation can be executed after the device initialization is complete.
● During the initialization period, no commands can be executed.
● If the programmed command is not defined, the function will not be affected.
The status of the internal circuits after initialization is as follows:
● All segment/common outputs are set to VLCD.
● The 1/3 bias drive mode is selected.
● The system oscillator and the LCD bias generator are in an off state.
● The LCD display is in an off state and the integrated regulator is disabled.
● The segment/LED shared pin is setup as a segment pin.
● The frame frequency is set to 64Hz.
● The blinking function is switched off.
Drive Mode Command
Function
Byte (MSB)
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1
(LSB)
Bit0 Note R/W Def
Drive mode setting command
1st
1
0
0
0
0
0
1
0
—
W
—
Duty, Bias and pin-shared setting 2nd
X
X
SP1 SP0
X
X
X
Bias
—
W
00H
Note:
Bit0
Bias
0
1/3 bias
1
1/2 bias
SP1
SP0
Segment/LED shared pin selected
Segment 28~31/LED3~0
Segment 24~27/LED7~4
0
X
Set as segment pins
Set as segment pins
1
0
Set as LED pins
Set as segment pins
1
1
Set as LED pins
Set as LED pins
● Power on status: The1/3 bias drive mode is selected and also the segment output pins are selected.
● If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com