Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT16L21 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Rev. 1.00
4
November 16, 2011
HT16L21
Approximate Internal Connections
VDD
VSS
SCL, SDA (for schmit Trigger type)
Vselect-on
Vselect-off
COM0~COM4; SEG0~SEG31
VDD
VSS
IFS,
VSS
LED0~7
CSB, CLK (for schmit Trigger type)
VDD
VSS
VSS
DIO (for Schmitt trigger type)
RSTB
Absolute Maximum Ratings
Supplyvoltage......................................................................................................................VSS−0.3VtoVSS+6.6V
Inputvoltage........................................................................................................................VSS−0.3VtoVDD+0.3V
LEDdriveroutputcurrent(total)..................................................................................................................... 88mA
Storagetemperature.......................................................................................................................-55°Cto+150°C
Operatingtemperature.....................................................................................................................-40°Cto+85°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximumRatings"
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffectdevice
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com