Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Rev. 1.00
27
November 16, 2011
HT16L21
Internal Voltage Adjustment (IVA) Setting Command
Theinternalvoltage(VLCD)adjustmentcanprovidesixteenkindsofregulatorvoltageadjustmentoptionsbysetting
theLCDoperatingvoltageadjustmentcommand.
Function
Byte (MSB)
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1
(LSB)
Bit0
Note
R/W Def
Internal voltage
adjustment
(IVA) Setting
1st
1
0
0
0
1
0
1
0
—
W
—
Internal voltage
adjust control
2nd
X
X
X
VE
X
V2 V1
V0
● The “VE” bit is used to
enable or disable the internal
regulator adjustment for the
LCD voltage.
● The V3~V0 bits can be used
to adjust the VLCD voltage.
W 00H
Note:
VE
Regulator Adjustment
0
Off – bias voltage is supplied from VLCD pin
1
On – bias voltage is supplied from the internal regulator
V2
V1
V0
Regulator Output Voltage (V)
0
0
0
3.0V
0
0
1
3.2V
0
1
0
3.3V
0
1
1
3.4V
1
0
0
4.4V
1
0
1
4.5V
1
1
0
4.6V
1
1
1
5.0V
● Power on status: Disable the internal regulator.
● When the VLCD voltage is lower than 3.5V, it is recommended to disable the internal regulator so that the VLCD
voltage is directly connected to the internal bias voltage generator.
● Caution: Use the internal regulator when the “Regulator output voltage<VLCD−0.5V”
● If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com