Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 34Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 36Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Rev. 1.00
35
November 16, 2011
HT16L21
Package Information
Notethatthepackageinformationprovidedhereisforconsultationpurposesonly.Asthisinformationmaybe
updatedatregularintervalsusersareremindedtoconsulttheHoltekwebsite(http://www.holtek.com.tw/english/
literature/package.pdf)forthelatestversionofthepackageinformation.
44-pin LQFP (10mm×10mm) (FP2.0mm) Outline Dimensions
34
11
1
44
A
B
22
12
E
F
G
H
I
J
K
=
33
23
C
D
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.469
―
0.476
B
0.390
―
0.398
C
0.469
―
0.476
D
0.390
―
0.398
E
―
0.031
―
F
―
0.012
―
G
0.053
―
0.057
H
―
―
0.063
I
―
0.004
―
J
0.018
―
0.030
K
0.004
―
0.008
α
0°
―
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
11.90
―
12.10
B
9.90
―
10.10
C
11.90
―
12.10
D
9.90
―
10.10
E
―
0.80
―
F
―
0.30
―
G
1.35
―
1.45
H
―
―
1.60
I
―
0.10
―
J
0.45
―
0.75
K
0.10
―
0.20
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com