Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Rev. 1.00
19
November 16, 2011
HT16L21
I2C Interface Write Operation
Byte Write Operation
• Single Command Type
ASingleCommandwriteoperationrequiresaSTARTcondition,aslaveaddresswithanR/Wbit,acommand
byteandaSTOPconditionforasinglecommandwriteoperation.
Slave Address
ACK
Write
Command byte
ACK
S
0
1
1
1
0
0
0
0
1st
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
P
I2C Single Command Type Write Operation
• Compound Command Type
ACompoundCommandwriteoperationrequiresaSTARTcondition,aslaveaddresswithanR/Wbit,a
commandbyte,acommandsettingbyteandaSTOPconditionforacompoundcommandwriteoperation.
Slave Address
ACK
Write
Command byte
ACK
S
0
1
1
1
0
0
0
0
1st
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
Command setting
ACK
P
2nd
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
I2C Compound Command Type Write Operation
• Display RAM Single Data Byte
AdisplayRAMdatabytewriteoperationrequiresaSTARTcondition,aslaveaddresswithanR/Wbit,a
displaydatainputcommandbyte,avalidRegisterAddressbyte,aDatabyteandaSTOPcondition.
Slave Address
ACK
Write
Command byte
ACK
S 0 1 1 1 0 0 0 0
Data byte
ACK
P
D7 D6 D5 D4 D3 D2 D1 D0
Register Address byte
ACK
2nd
1st
0
0
0
0
0
0
0
1
A0
A1
A2
A3
X
X
X
X
I2C Display RAM Single Data Byte Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com