Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Rev. 1.00
22
November 16, 2011
HT16L21
• Display RAM Single Data Byte
ThedisplayRAMsingledatawriteoperationconsistsofadisplaydatainput(write)command,aregister
addressandawritedatabyte.
X
X
X
X
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
CSB
CLK
DIO
Display Data Input command byte
Register Address byte
Data byte
1
0
0
0
0
0
0
2μs(min)
2μs(min)
0
SPI Display RAM Single Data Byte Write Operation
Display RAM Page Write Operation
ThedisplayRAMPagewriteoperationconsistsofadisplaydatawritecommand,aregisteraddressofwhichthe
contentsarewrittentotheinternaladdresspointerfollowedbyNbytesofwrittendata.Thedatatobewrittento
thememorywillbetransmittednextandthentheinternaladdresspointerwillbeautomaticallyincrementedby
1toindicatethenextmemoryaddresslocation.Aftertheinternaladdresspointreachesthemaximummemory
address,theaddresspointerwillberesetto00H.
1
0
X
X
X
X
A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
CSB
CLK
DIO
1st data
Display Data Input Command byte
Register Address byte
Data byte
0
0
0
0
0
0
D7 D6 D5 D4 D3 D2 D1 D0
D7
2nd data
3rd data
2μs(min)
2μs(min)
2μs(min)
2μs(min)
Data byte
Data
byte
D7 D6 D5 D4 D3 D2 D1 D0
Nth data
Data byte
D0
(N-1)th
data
2μs(min)
CSB
CLK
DIO
SPI Interface N Bytes Display RAM Data Write Operation
SP1
SP0
Maximum Memory Address
0
X
0FH
1
0
0DH
1
1
0BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com