Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Rev. 1.00
25
November 16, 2011
HT16L21
Display Data Input Command
ThiscommandsendsdatafromMCUtothememoryMAPoftheHT16L21device.
Function
Byte (MSB)
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1
(LSB)
Bit0
Note
R/W Def
Display Data
Input/output
Command
1st
1
0
0
0
0
0
0
0
Write operation
W
—
1
0
0
0
0
0
0
1
Read operation for 3-wire
SPI interface used only.
R
—
Address pointer 2nd
X
X
X
X
A3
A2 A1
A0 Display data start address
of memory map
W
00H
Note:
SP1
SP0
Maximum Memory Address
0
X
0FH
1
0
0DH
1
1
0BH
● Power on status: The address is set to 00H.
● If the programmed command is not defined, the function will not be affected.
System Mode Command
Thiscommandcontrolstheinternalsystemoscillatoron/offanddisplayon/off.
Function
Byte (MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1 (LSB)
Bit0 Note R/W
Def
System mode setting
command
1st
1
0
0
0
0
1
0
0
—
W
—
System oscillator and
Display on/off Setting
2nd
X
X
X
X
X
X
S
E
—
W
00H
Note:
Bit
Internal System Oscillator
LCD Display
S
E
0
X
off
off
1
0
on
off
1
1
on
on
● Power on status: Display off and disable the internal system oscillator.
● If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com