Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Rev. 1.00
7
November 16, 2011
HT16L21
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
IOL3
LED Sink Current
—
VLCD=3.3V, VOL=1V,
when SP1 bit is set to “1”
10
—
—
mA
VLCD=5.0V, VOL=2V,
when SP1 bit is set to “1”
20
—
—
mA
Note:
1.Pleaseusetheintegratedregulatorwhentheregulatoroutputvoltageislessthan(VLCD−0.5V).
2.If8LEDsturnonatthesametime,totalcurrentofLEDdriverscannotbeallowedmorethan80mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com