Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADL5811
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. CAN BE GROUNDED.
2. EXPOSED PAD MUST BE CONNECTED
TO GROUND.
NC
RFCT
NC
RFIN
NC
NC
NC
NC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
ADL5811
NC
NC
NC
LOIP
LOIN
LE
DATA
CLK
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 5 to 8, 22 to 24, 27, 30
NC
No Connect. Can be grounded.
2
RFCT
RF Balun Center Tap (AC Ground).
4
RFIN
RF Input. Should be ac-coupled.
9, 11, 13, 15
VLO4, VLO3, VLO2, VLO1
Positive Supply Voltages for LO Amplifier.
10, 12, 14, 16, 25
COMM
Ground.
17, 18, 19
CLK, DATA, LE
Serial Port Interface Control.
20
LOIN
Ground Return for LO Input.
21
LOIP
LO Input. Should be ac-coupled.
26
IFGD
Supply Return for IF Amplifier. Must be grounded.
28, 29
IFOP, IFON
IF Differential Open-Collector Outputs. Should be pulled up to VCC using
external inductors.
31
IFGM
IF Amplifier Bias Control.
32
VPIF
Supply Voltage for IF Amplifier.
EPAD
Exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com