Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADL5811
Rev. 0 | Page 11 of 28
100
80
60
40
20
0
CONVERSION GAIN (dB)
7.5
7.3
7.7
7.9
7.1
MEAN: 7.5
SD: 0.12%
Figure 28. Conversion Gain Distribution
100
80
60
40
20
0
INPUT IP3 (dBm)
27.5
25.5
29.5
31.5
23.5
MEAN: 27.5
SD: 0.36%
Figure 29. Input IP3 Distribution
100
80
60
40
20
0
10.5
11.0
11.5
12.0
12.5
INPUT P1dB (dBm)
MEAN: 11.68
SD: 0.36%
Figure 30. Input P1dB Distribution
80
130
180
230
280
330
380
430
30
100
200
300
400
0
500
2
4
6
8
0
10
IF FREQUENCY (MHz)
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
TA = 25°C
Figure 31. IF Output Impedance (R Parallel C Equivalent)
–40
–35
–30
–25
–20
–15
–10
–5
0
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA = +25°C
Figure 32. RF Port Return Loss, Fixed IF vs. RF Frequency
–24
–21
–18
–15
–12
–9
–6
–3
0
LO FREQUENCY (MHz)
500
700
900 1100 1300 1500 1700 1900 2100 2300 2500
TA = 25°C
Figure 33. LO Return Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com