Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADL5811
Rev. 0 | Page 9 of 28
160
165
170
175
180
185
190
195
200
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 16. Supply Current vs. IF Frequency
IF FREQUENCY (MHz)
4
5
6
7
8
9
10
11
30
80
130
180
230
280
330
380
430
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 17. Power Conversion Gain vs. IF Frequency
IF FREQUENCY (MHz)
30
80
130
180
230
280
330
380
430
22
23
24
25
26
27
28
39
30
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 18. Input IP3 vs. IF Frequency
IF FREQUENCY (MHz)
30
80
130
180
230
280
330
380
430
0
10
20
30
40
50
60
70
80
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 19. Input IP2 vs. IF Frequency
IF FREQUENCY (MHz)
30
80
130
180
230
280
330
380
430
2
4
6
8
10
12
14
16
18
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 20. Input P1dB vs. IF Frequency
IF FREQUENCY (MHz)
30
80
130
180
230
280
330
380
430
4
6
8
10
12
14
16
20
18
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 21. SSB Noise Figure vs. IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com