Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADL5811
Rev. 0 | Page 8 of 28
TEMPERATURE (°C)
135
145
155
165
175
185
195
205
215
225
235
–40 –30 –20 –10
0
1020304050607080
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
RF = 1900MHz
Figure 10. Supply Current vs. Temperature
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
TEMPERATURE (°C)
–40 –30 –20 –10
0
10
203040
50
607080
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
RF = 1900MHz
Figure 11. Power Conversion Gain vs. Temperature
15
17
19
21
23
25
27
29
31
33
35
TEMPERATURE (°C)
–40 –30 –20 –10
0
1020304050607080
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
RF = 1900MHz
Figure 12. Input IP3 vs. Temperature
30
35
40
45
50
55
60
65
70
75
80
TEMPERATURE (°C)
–40 –30 –20 –10
0
1020304050
60
70
80
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
RF = 1900MHz
Figure 13. Input IP2 vs. Temperature
4
6
8
10
12
14
16
18
20
TEMPERATURE (°C)
–40 –30 –20 –10
0
1020
304050607080
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
RF = 1900MHz
Figure 14. Input P1dB vs. Temperature
8
9
10
11
12
13
14
15
TEMPERATURE (°C)
–40 –30 –20 –10
0
1020304050607080
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
RF = 1900MHz
Figure 15. SSB Noise Figure vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com