Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADL5811
Rev. 0 | Page 13 of 28
6
9
12
15
18
21
24
27
0
5
10
15
20
25
30
35
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
VGS = 0
VGS = 1
VGS = 2
VGS = 3
VGS = 4
VGS = 5
VGS = 6
VGS = 7
INPUT IP3
INPUT P1dB
TA = +25°C
Figure 40. Input IP3 and Input P1dB vs. RF Frequency for All VGS Settings
0
5
10
15
20
25
30
35
30
25
20
15
10
50
510
BLOCKER POWER (dBm)
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
TA = +25°C
Figure 41. SSB Noise Figure vs. 10 MHz Offset Blocker Level
100
120
140
160
180
200
220
240
600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800
IF BIAS RESISTOR VALUE (Ω)
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
TA = 25°C
Figure 42. Supply Current vs. IF Bias Resistor Value
0
4
8
12
16
20
24
28
32
4
6
8
10
12
14
16
18
20
600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800
IF BIAS RESISTOR VALUE (Ω)
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
NOISE FIGURE
INPUT IP3
GAIN
TA = 25°C
Figure 43. Power Conversion Gain, SSB Noise Figure, and Input IP3 vs.
IF Bias Resistor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com