Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADL5811
Rev. 0 | Page 10 of 28
3
4
5
6
7
8
9
10
11
6
4
2
02
468
10
LO POWER (dBm)
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 22. Power Conversion Gain vs. LO Power
15
17
19
21
23
25
27
29
31
33
35
–6
–4
–2
02468
10
LO POWER (dBm)
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 23. Input IP3 vs. LO Power
6
4
20
2
4
6
810
LO POWER (dBm)
10
20
30
40
50
60
70
80
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 24. Input IP2 vs. LO Power
6
4
2
0246
8
10
LO POWER (dBm)
4
6
8
10
12
14
16
18
20
TA = 25°C
RF = 900MHz
RF = 1900MHz
RF = 2500MHz
Figure 25. Input P1dB vs. LO Power
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 26. IF/2 Spurious vs. RF Frequency, RF Power = −10 dBm
–90
–85
–80
–75
–70
–65
–60
–55
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 27. IF/3 Spurious vs. RF Frequency, RF Power = −10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com