Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADL5811
Rev. 0 | Page 12 of 28
–80
–70
–60
–50
–40
–30
–20
–10
0
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 34. RF-to-IF Isolation vs. RF Frequency
–80
–70
–60
–50
–40
–30
–20
–10
0
LO FREQUENCY (MHz)
500
700
900 1100 1300 1500 1700 1900 2100 2300 2500
TA = –40°C
TA = +25°C
TA = +85°C
Figure 35. LO-to-IF Leakage vs. LO Frequency
–80
–70
–60
–50
–40
–30
–20
–10
0
LO FREQUENCY (MHz)
500
700
900 1100 1300 1500 1700 1900 2100 2300 2500
TA = –40°C
TA = +25°C
TA = +85°C
Figure 36. LO-to-RF Leakage vs. LO Frequency
–70
–60
–50
–40
–30
–20
–10
0
500
700
900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
2LO-TO-IF
2LO-TO-RF
TA = 25°C
Figure 37. 2XLO Leakage vs. LO Frequency
–80
–70
–60
–50
–40
–30
–20
–10
500
700
900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
3LO-TO-IF
3LO-TO-RF
TA = 25°C
Figure 38. 3XLO Leakage vs. LO Frequency
7
8
9
10
11
12
13
14
15
16
4
5
6
7
8
9
10
11
12
13
14
RF FREQUENCY (MHz)
VGS = 0
VGS = 1
VGS = 2
VGS = 3
VGS = 4
VGS = 5
VGS = 6
VGS = 7
GAIN
NOISE FIGURE
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
TA = +25°C
Figure 39. Power Conversion Gain and SSB Noise Figure vs. RF Frequency
for All VGS Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com