Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADL5811
Rev. 0 | Page 20 of 28
CIRCUIT DESCRIPTION
The resulting balanced RF signal is applied to a passive mixer
that commutates the RF input in accordance with the output of the
LO subsystem. The passive mixer is essentially a balanced, low
loss switch that adds minimum noise to the frequency translation.
The only noise contribution from the mixer is due to the resistive
loss of the switches, which is in the order of a few ohms.
The ADL5811 consists of two primary components: the RF
subsystem and the LO subsystem. The combination of design,
process, and packaging technology allows the functions of these
subsystems to be integrated into a single die, using mature
packaging and interconnection technologies to provide a high
performance device with excellent electrical, mechanical, and
thermal properties. The wideband frequency response and
flexible frequency programming simplifies the receiver design,
saves on-board space, and minimizes the need for external
components.
Because the mixer is inherently broadband and bidirectional, it
is necessary to properly terminate all idler (M × N product)
frequencies generated by the mixing process. Terminating the
mixer avoids the generation of unwanted intermodulation
products and reduces the level of unwanted signals at the input
of the IF amplifier, where high peak signal levels can compromise
the compression and intermodulation performance of the
system. This termination is accomplished by the addition of a
programmable low-pass filter network between the IF amplifier
and the mixer and in the feedback elements in the IF amplifier.
The RF subsystem consists of an integrated, tunable, low loss RF
balun; a double balanced, passive MOSFET mixer; a tunable sum
termination network; and an IF amplifier.
The LO subsystem consists of a multistage limiting LO amplifier.
The purpose of the LO subsystem is to provide a large, fixed
amplitude, balanced signal to drive the mixer independent of
the level of the LO input. A block diagram of the device is
shown in Figure 58.
The IF amplifier is a balanced feedback design that simultaneously
provides the desired gain, noise figure, and input impedance
that is required to achieve the overall performance. The balanced
open-collector output of the IF amplifier, with an impedance
modified by the feedback within the amplifier, permits the
output to be connected directly to a high impedance filter, a
differential amplifier, or an analog-to-digital converter (ADC)
input while providing optimum second-order intermodulation
suppression. The differential output impedance of the IF amplifier
is approximately 200 Ω. If operation in a 50 Ω system is desired,
the output can be transformed to 50 Ω by using a 4:1 transformer
or an LC impedance matching network.
NC
BIAS
GEN
SERIAL
PORT
INTERFACE
ADL5811
RFCT
NC
RFIN
NC
NC
NC
NC
NC
NC
NC
LOIP
LOIN
LE
DATA
CLK
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
11
12
13
14
15
16
9
10
30
29
28
27
26
25
32
31
The intermodulation performance of the design is generally
limited by the IF amplifier. The IP3 performance can be optimized
by adjusting the low-pass filter between the mixer and the IF
amplifier. Further optimization can be made by adjusting the IF
current with an external resistor. Figure 42 and Figure 43
illustrate how various IF resistors affect the performance with a 5 V
supply. Additionally, dc current can be saved by increasing the
IF resistor. It is permissible to reduce the IF amplifier’s dc
supply voltage to as low as 3.3 V, further reducing the dissipated
power of the part. (Note that no performance enhancement is
obtained by reducing the value of these resistors, and excessive
dc power dissipation may result.)
Figure 58. Block Diagram
RF SUBSYSTEM
The single-ended, 50 Ω RF input is internally transformed to a
balanced signal using a tunable, low loss, unbalanced-to-balanced
(balun) transformer. This transformer is made possible by an
extremely low loss metal stack, which provides both excellent
balance and dc isolation for the RF port. Although the port can
be dc connected, it is recommended that a blocking capacitor be
used to avoid running excessive dc current through the part.
The RF balun can easily support an RF input frequency range of
700 MHz to 2800 MHz. This balun is tuned over the frequency
range by SPI controlled switched capacitor networks at the
input and output of the RF balun.
Because the mixer is bidirectional, the tuning of the RF and IF
ports is linked and it is possible for the user to optimize gain,
noise figure, IP3, and impedance match via the SPI. This feature
permits high performance operation and is achieved entirely
using SPI control. Additionally, the performance of the mixer can
be improved by setting the optimum gate voltage on the passive
mixer, which is also controlled by the SPI to enable optimum
performance of the part. See the Applications Information
section for examples of this tuning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com