Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADL5811
Rev. 0 | Page 15 of 28
–2
0
2
4
6
8
10
12
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RFB7
RFB0
LPF = 0
LPF = 1
LPF = 2
LPF = 3
TA = +25°C
Figure 48. Conversion Gain vs. RF Frequency for All LPF Settings at
RFB7 and RFB0
15
17
19
21
23
25
27
29
31
33
35
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RFB7
RFB0
LPF = 0
LPF = 1
LPF = 2
LPF = 3
TA = +25°C
Figure 49. Input IP3 vs. RF Frequency for All LPF Settings at RFB7 and RFB0
5
7
9
11
13
15
17
19
21
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RFB7
RFB0
LPF = 0
LPF = 1
LPF = 2
LPF = 3
TA = +25°C
Figure 50. Input P1dB vs. RF Frequency for All LPF Settings at RFB7 and RFB0
2
4
6
8
10
12
14
16
18
20
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
LPF = 0
LPF = 1
LPF = 2
LPF = 3
RFB0
RFB7
TA = +25°C
Figure 51. SSB Noise Figure vs. RF Frequency for
All LPF Settings at RFB7 and RFB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com