Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADL5811
Rev. 0 | Page 25 of 28
EVALUATION BOARD
An evaluation board is available for the ADL5811. The standard
evaluation board schematic is presented in Figure 61. The USB
interface circuitry schematic is presented in Figure 64. The
evaluation board layout is shown in Figure 62 and Figure 63.
The evaluation board is fabricated using Rogers® 3003 material.
Table 12 details the configuration for the mixer characterization.
The evaluation board software is available on www.analog.com.
NC
NC
NC
LOIP
LOIN
LE
DATA
CLK
NC
RFCT
NC
RFIN
NC
NC
NC
NC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
ADL5811
PAD
VCC
VCC
VCC
RED
BLK
VCC
C23
10pF
C17
22pF
C7
100pF
C6
22pF
C3
120pF
C4
120pF
C18
10pF
C2
0.1µF
C5
120pF
C8
0.1µF
3
4
6
2
1
C1
0.1µF
VCC
C19
10pF
VCC
C20
10pF
VPOS
AGND
LOIP
RFIN
IFON
IFOP
LE
DATA
CLK
R20
OPEN
R21
0Ω
R1
910Ω
T1
TC4-1W+
L1
470nH
L2
470nH
Figure 61. Evaluation Board Schematic
Table 12. Evaluation Board Configuration
Components
Description
Default Conditions
C1, C2, C8, C18, C19,
C20, C23
Power supply decoupling. Nominal supply decoupling consists of a
0.1 μF capacitor to ground in parallel with a 10 pF capacitor to
ground positioned as close to the device as possible.
C1, C2 = 0.1 μF (size 0402),
C8, C18, C19, C20, C23 = 10 pF (size 0402)
C6, C7, RFIN
RF input interface. The input channel is ac-coupled through C6.
C7 provides bypassing for the center tap of the RF input balun.
C6 = 22 pF (size 0402), C7 = 100 pF (size 0402)
C3, C4, C5, L1, L2,
R20, R21, T1, IFOP,
IFON
IF output interface. The open-collector IF output interfaces are
biased through pull-up choke inductors, L1 and L2. T1 is a 4:1
impedance transformer used to provide a single-ended IF output
interface, with C5 providing center-tap bypassing. Remove R21 for
balanced output operation.
C3, C4, C5 = 120 pF (size 0402),
L1, L2 = 470 nH (size 0603),
R20 = open,
R21 = 0 Ω (size 0402),
T1 = TC4-1W+ (Mini-Circuits®)
C17, LOIP
LO interface. C17 provides ac coupling for the LOIP local oscillator input.
C17 = 22 pF (size 0402)
R1
Bias control. R1 sets the bias point for the internal IF amplifier.
R1 = 910 Ω (size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com