Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADL5811
Rev. 0 | Page 22 of 28
APPLICATIONS INFORMATION
BASIC CONNECTIONS
The ADL5811 mixer is designed to downconvert radio
frequencies (RF) primarily between 700 MHz and 2800 MHz
to lower intermediate frequencies (IF) between 30 MHz and
450 MHz. Figure 59 depicts the basic connections of the mixer.
It is recommended to ac couple RF and LO input ports to
prevent nonzero dc voltages from damaging the RF balun or LO
input circuit. A RFIN capacitor value of 22 pF is recommended.
IF PORT
The mixer differential IF interface requires pull-up choke inductors
to bias the open-collector outputs and to set the output match.
The shunting impedance of the choke inductors used to couple
dc current into the IF amplifier should be selected to provide
the desired output return loss.
The real part of the output impedance is approximately 200 Ω,
as seen in Figure 31, which matches many commonly used SAW
filters without the need for a transformer. This results in a voltage
conversion gain that is approximately 6 dB higher than the power
conversion gain. When a 50 Ω output impedance is needed, use a
4:1 impedance transformer, as shown in Figure 59.
BIAS RESISTOR SELECTION
An external resistor, R1, is used to adjust the bias current of the
integrated amplifier at the IF terminal. It is necessary to have a
sufficient amount of current to bias both the internal IF amplifier to
optimize dc current vs. optimum input IP3 performance. Figure 42
and Figure 43 provide the reference for the bias resistor selection
when lower power consumption is considered at the expense of
conversion gain and input IP3 performance.
VGS PROGRAM
MING
The ADL5811 allows programmability for internal gate-to-source
voltages for optimizing mixer performance over the desired
frequency bands. The ADL5811 defaults the VGS setting to 0.
Power conversion gain, input IP3, NF, and input P1dB can be
optimized, as shown in Figure 39 and Figure 40.
NC
NC
NC
LOIP
LOIN
LE
DATA
CLK
NC
RFCT
NC
RFIN
NC
NC
NC
NC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
ADL5811
PAD
VCC
VCC
VCC
RED
BLK
VCC
C23
10pF
C17
22pF
C7
100pF
C6
22pF
C3
120pF
C4
120pF
C18
10pF
C2
0.1µF
C5
120pF
C8
0.1µF
C1
0.1µF
VCC
C19
10pF
VCC
C20
10pF
VPOS
AGND
LOIP
RFIN
IFON
IFOP
LE
DATA
CLK
R20
OPEN
R21
0Ω
R1
910Ω
T1
TC4-1W+
L1
470nH
L2
470nH
Figure 59. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com