Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADL5811
Rev. 0 | Page 16 of 28
3.6 V PERFORMANCE
VS = 3.6 V, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, RF power = −10 dBm, LO power = 0 dBm, R1 = 800 Ω, ZO = 50 Ω, optimum SPI settings,
unless otherwise noted.
70
80
90
100
110
120
130
140
150
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 52. Supply Current vs. RF Frequency at 3.6 V
0
2
4
6
8
10
12
14
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 53. Power Conversion Gain vs. RF Frequency at 3.6 V
0
5
10
15
20
25
30
35
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 54. Input IP3 vs. RF Frequency at 3.6 V
0
10
20
30
40
50
60
70
80
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 55. Input IP2 vs. RF Frequency at 3.6 V
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
0
3
6
9
12
15
18
21
24
TA = –40°C
TA = +25°C
TA = +85°C
Figure 56. Input P1dB vs. RF Frequency at 3.6 V
0
3
6
9
12
15
18
21
24
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
Figure 57. SSB Noise Figure vs. RF Frequency at 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com