Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5811ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5811ACPZ-R7
Description  High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5811ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5811ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5811ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADL5811
Rev. 0 | Page 14 of 28
1
2
3
4
5
6
7
8
9
10
11
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RFB = 0
RFB = 1
RFB = 2
RFB = 3
RFB = 4
RFB = 5
RFB = 6
RFB = 7
TA = +25°C
Figure 44. Conversion Gain vs. RF Frequency for All RFB Settings
22
23
24
25
26
27
28
29
30
31
32
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RFB = 0
RFB = 1
RFB = 2
RFB = 3
RFB = 4
RFB = 5
RFB = 6
RFB = 7
TA = +25°C
Figure 45. Input IP3 vs. RF Frequency for All RFB Settings
8
9
10
11
12
13
14
15
16
17
18
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RFB = 0
RFB = 1
RFB = 2
RFB = 3
RFB = 4
RFB = 5
RFB = 6
RFB = 7
TA = +25°C
Figure 46. Input P1dB vs. RF Frequency for All RFB Settings
6
7
8
9
10
11
12
13
14
15
16
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RFB = 0
RFB = 1
RFB = 2
RFB = 3
RFB = 4
RFB = 5
RFB = 6
RFB = 7
TA = +25°C
Figure 47. SSB Noise Figure vs. RF Frequency for All RFB Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com