Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  C511 Datasheet HTML 1Page - Siemens Semiconductor Group C511 Datasheet HTML 2Page - Siemens Semiconductor Group C511 Datasheet HTML 3Page - Siemens Semiconductor Group C511 Datasheet HTML 4Page - Siemens Semiconductor Group C511 Datasheet HTML 5Page - Siemens Semiconductor Group C511 Datasheet HTML 6Page - Siemens Semiconductor Group C511 Datasheet HTML 7Page - Siemens Semiconductor Group C511 Datasheet HTML 8Page - Siemens Semiconductor Group C511 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
C511 / C513
Semiconductor Group
5
Table 2
Ordering Information
Note : The ordering number of the ROM types (DXXXX extension) is defined after program release
(verification) of the customer.
Type
Ordering
Code
Package
Description
(8-Bit CMOS microcontroller)
C511-RN
Q67120-DXXXX P-LCC-44
with mask-programmable ROM (2.5K), 12 MHz
C511A-RN
Q67120-DXXXX P-LCC-44
with mask-programmable ROM (4K), 12 MHz
C513-1RN
Q67120-DXXXX P-LCC-44
with mask-programmable ROM (8K), 12 MHz
C513A-RN
Q67120-DXXXX P-LCC-44
with mask-programmable ROM (12K), 12 MHz
Q67120-DXXXX P-LCC-44
with mask-programmable ROM (12K), 12 MHz,
ext. temp. – 40 ˚C to 85 ˚C
C513A-2RN
Q67120-DXXXX P-LCC-44
with mask-programmable ROM (16K), 12 MHz
Q67120-DXXXX P-LCC-44
with mask-programmable ROM (16K), 12 MHz,
ext. temp. – 40 ˚C to 85 ˚C
C513A-2RM
Q67120-DXXXX P-MQFP-44 with mask-programmable ROM (16K), 12 MHz
Q67120-DXXXX P-MQFP-44 with mask-programmable ROM (16K), 12 MHz,
ext. temp. – 40 ˚C to 85 ˚C
C513A-LN
Q67120-C1017
P-LCC-44
for external memory (12 MHz)
Q67120-C1035
P-LCC-44
for external memory (12 MHz),
ext. temp. – 40 ˚C to 85 ˚C
C513A-LM
Q67120-C1026
P-MQFP-44 for external memory (12 MHz)
Q67120-C1036
P-MQFP-44 for external memory (12 MHz),
ext. temp. – 40 ˚C to 85 ˚C
C513A-HN
Q67120-C0989
P-LCC-44
with reprogrammable EEPROM (12K), 12 MHz,
ext. temp. – 40 ˚C to 85 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com