Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 34 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 34 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 30Page - Siemens Semiconductor Group C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group C511 Datasheet HTML 34Page - Siemens Semiconductor Group C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group C511 Datasheet HTML 37Page - Siemens Semiconductor Group C511 Datasheet HTML 38Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Semiconductor Group
34
C511 / C513
External Data Memory Characteristics
Parameter
Symbol
Limit Values
Unit
12 MHz
Clock
Variable Clock
1/
t
CLCL = 3.5 MHz to 12 MHz
min.
max.
min.
max.
RD pulse width
t
RLRH
400
–
6
t
CLCL – 100
–
ns
WR pulse width
t
WLWH
400
–
6
t
CLCL – 100
–
ns
Address hold after ALE
t
LLAX2
132
–
2t
CLCL – 35
–
ns
RD to valid data in
t
RLDV
–
252
–
5
t
CLCL – 165
ns
Data hold after RD
t
RHDX
0
–
0–ns
Data float after RD
t
RHDZ
–97
–
2
t
CLCL – 70
ns
ALE to valid data in
t
LLDV
–
517
–
8
t
CLCL – 150
ns
Address to valid data in
t
AVDV
–
585
–
9
t
CLCL – 165
ns
ALE to WR or RD
t
LLWL
200
300
3
t
CLCL – 50
3
t
CLCL + 50
ns
Address valid to WR or RD
t
AVWL
203
–
4
t
CLCL – 130
–
ns
WR or RD high to ALE high
t
WHLH
43
123
t
CLCL – 40
t
CLCL + 40
ns
Data valid to WR transition
t
QVWX
33
–
t
CLCL – 50
–
ns
Data setup before WR
t
QVWH
433
–
7
t
CLCL – 150
–
ns
Data hold after WR
t
WHQX
33
–
t
CLCL – 50
–
ns
Address float after RD
t
RLAZ
–
0
–0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com