Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 17Page - Siemens Semiconductor Group C511 Datasheet HTML 18Page - Siemens Semiconductor Group C511 Datasheet HTML 19Page - Siemens Semiconductor Group C511 Datasheet HTML 20Page - Siemens Semiconductor Group C511 Datasheet HTML 21Page - Siemens Semiconductor Group C511 Datasheet HTML 22Page - Siemens Semiconductor Group C511 Datasheet HTML 23Page - Siemens Semiconductor Group C511 Datasheet HTML 24Page - Siemens Semiconductor Group C511 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
C511 / C513
Semiconductor Group
21
Timer/ Counter 0 and 1
Timer/Counter 0 and 1 can be used in four operating modes as listed in table 7:
Table 7
Timer/Counter 0 and 1 operating modes
In “timer” function (C/T = ‘0’) the register is incremented every machine cycle. Therefore the count
rate is
f
OSC/12.
In “counter” function the register is incremented in response to a 1-to-0 transition at its
corresponding external input pin (P3.4/T0, P3.5/T1). Since it takes two machine cycles to detect a
falling edge the max. count rate is
f
OSC/24. External inputs INT0 and INT1 (P3.2, P3.3) can be
programmed to function as a gate to facilitate pulse width measurements. Figure 7 illustrates the
input clock logic.
Figure 7
Timer/Counter 0 and 1 Input Clock Logic
Mode Description
TMOD
Input Clock
Gate
C/T
M1
M0
internal
external (max)
0
8-bit timer/counter with a
divide-by-32 prescaler
XX
0
0
f
OSC/12
× 32
f
OSC/24
× 32
1
16-bit timer/counter
X
X
0
1
f
OSC/12
f
OSC/24
2
8-bit timer/counter with
8-bit auto-reload
XX
1
0
f
OSC/12
f
OSC/24
3
Timer/counter 0 used as one
8-bit timer/counter and one
8-bit timer
Timer 1 stops
XX
1
1
f
OSC/12
f
OSC/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com