Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 31 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 31 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 27Page - Siemens Semiconductor Group C511 Datasheet HTML 28Page - Siemens Semiconductor Group C511 Datasheet HTML 29Page - Siemens Semiconductor Group C511 Datasheet HTML 30Page - Siemens Semiconductor Group C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group C511 Datasheet HTML 34Page - Siemens Semiconductor Group C511 Datasheet HTML 35Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
C511 / C513
Semiconductor Group
31
DC Characteristics
V
CC = 5 V + 10 %, – 15 %; VSS = 0 V;
T
A = 0 to + 70 ˚C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Input low voltage
(except EA, RESET)
V
IL
– 0.5
0.2
V
CC
– 0.1
V–
Input low voltage (EA)
V
IL1
– 0.5
0.2
V
CC
– 0.3
V–
Input low voltage (RESET)
V
IL2
– 0.5
0.2
V
CC
+ 0.1
V–
Input high voltage
(except EA, RESET, XTAL1)
V
IH
0.2
V
CC
+ 0.9
V
CC + 0.5
V
–
Input high voltage to XTAL1
V
IH1
0.7
V
CC
V
CC + 0.5
V
–
Input high voltage to EA, RESET
V
IH2
0.6
V
CC
V
CC + 0.5
V
–
Output low voltage
Ports 1, 2, 3 (except P1.2, P1.4)
Port 0, ALE, PSEN
P1.2 / P1.4 pull-down transistor
resistance
V
OL
V
OL1
R
DSon
–
–
–
0.45
0.45
120
V
V
Ω
I
OL = 1.6 mA
1)
I
OL = 3.2 mA
1)
V
OL = 0.45 V
Output high voltage
Ports 1, 2, 3
Port 0 in ext. bus mode, ALE,
PSEN
P1.2 / P1.4 pull-up transistor
resistance
V
OH
V
OH1
R
DSon
2.4
0.9
V
CC
2.4
0.9
V
CC
–
–
–
–
–
120
V
V
V
V
Ω
I
OH = – 80 µA
I
OH = – 10 µA
I
OH = – 800 µA
I
OH = – 80 µA
V
OH = 0.9 VCC
Logic 0 input current
(Ports 1, 2, 3)
I
IL
– 10
– 50
µA
V
IN = 0.45 V
Logical 1-to-0 transition current
(Ports 1, 2, 3)
I
TL
– 65
– 650
µA
V
IN = 2 V
Maximum output low current per
pin (Ports 0, 1, 2, 3)
I
OLM
–5
mA
V
OL
≤ 1 V
Maximum output low current per
port
I
PL
–30
mA
–
Input leakage current
Port 0 (if EA=0), EA,
P1.2, P1.3, P1.5 as SSC inputs
I
LI
–
± 1
µA
0.45 <
V
IN < VCC
Pin capacitance 7)
C
IO
–10
pF
f
C = 1 MHz,
T
A = 25 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com