Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 35 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 35 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group C511 Datasheet HTML 34Page - Siemens Semiconductor Group C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group C511 Datasheet HTML 37Page - Siemens Semiconductor Group C511 Datasheet HTML 38Page - Siemens Semiconductor Group C511 Datasheet HTML 39Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
C511 / C513
Semiconductor Group
35
SSC Interface Characteristics
External Clock Characteristics
Parameter
Symbol
Limit Values
Unit
12 MHz Clock
min.
max.
Clock Cycle Time : Master Mode
Slave Mode
t
SCLK
t
SCLK
666
600
–
–
ns
ns
Clock high time
t
SCH
250
–
ns
Clock low time
t
SCL
250
–
ns
Data output delay
t
D
–
100
ns
Data output hold
t
HO
0–ns
Data input setup
t
S
100
–
ns
Data input hold
t
HI
100
–
ns
TC bit set delay
t
DTC
–
16
t
CLCL
ns
Parameter
Symbol
Limit Values
Unit
Variable Clock
Freq. = 3.5 MHz to 12 MHz
min.
max.
Oscillator period
t
CLCL
83.3
285
ns
High time
t
CHCX
20
t
CLCL – tCLCX
ns
Low time
t
CLCX
20
t
CLCL – tCHCX
ns
Rise time
t
CLCH
–20
ns
Fall time
t
CHCL
–20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com