Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 22 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 22 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 18Page - Siemens Semiconductor Group C511 Datasheet HTML 19Page - Siemens Semiconductor Group C511 Datasheet HTML 20Page - Siemens Semiconductor Group C511 Datasheet HTML 21Page - Siemens Semiconductor Group C511 Datasheet HTML 22Page - Siemens Semiconductor Group C511 Datasheet HTML 23Page - Siemens Semiconductor Group C511 Datasheet HTML 24Page - Siemens Semiconductor Group C511 Datasheet HTML 25Page - Siemens Semiconductor Group C511 Datasheet HTML 26Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Semiconductor Group
22
C511 / C513
Timer / Counter 2 (not available in the C511/C511A)
Timer 2 is a 16-bit Timer/Counter with up/down count feature. It can operate either as timer or as an
event counter which is selected by bit C/T2 (T2CON.1). It has three operating modes as shown in
table 8.
Table 8
Timer/Counter 2 Operating Modes
Note:
↓ =
falling edge
Mode
T2CON
T2MOD
DCEN
T2CON
EXEN
P1.1/
T2EX
Remarks
Input Clock
R
×CLK
or
T
×CLK
CP/
RL2
TR2
internal
external
(P1.0/T2)
16-bit
Auto-
reload
0
0
0
0
0
0
0
0
1
1
1
1
0
0
1
1
0
1
X
X
X
↓
0
1
reload upon
overflow
reload trigger
(falling edge)
Down counting
Up counting
f
OSC/12
max
f
OSC/24
16-bit
Cap-
ture
0
0
1
1
1
1
X
X
0
1
X
↓
16-bit Timer/
Counter (only
up-counting)
capture TH2,
TL2
→ RC2H,
RC2L
f
OSC/12
max
f
OSC/24
Baud
Rate
Gene-
rator
1
1
X
X
1
1
X
X
0
1
X
↓
no overflow
interrupt
request (TF2)
extra external
interrupt
(“Timer 2”)
f
OSC/2
max
f
OSC/24
off
X
X
0
X
X
X
Timer 2 stops
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com