Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 29 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 29 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 25Page - Siemens Semiconductor Group C511 Datasheet HTML 26Page - Siemens Semiconductor Group C511 Datasheet HTML 27Page - Siemens Semiconductor Group C511 Datasheet HTML 28Page - Siemens Semiconductor Group C511 Datasheet HTML 29Page - Siemens Semiconductor Group C511 Datasheet HTML 30Page - Siemens Semiconductor Group C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
C511 / C513
Semiconductor Group
29
Power Saving Modes
Two power down modes are available, the idle mode and the power down mode. In the idle mode
only the CPU will be deactivated while in the power down mode the on-chip oscillator is stopped.
The bits PDE and IDLE select the power down mode or the idle mode, respectively. If the power
down mode and the idle mode are set at the same time, power down takes precedence. Table 15
gives a general overview of the power saving modes.
Table 15
Entering and leaving the power saving modes
In the power down mode of operation,
V
CC can be reduced to minimize power consumption. It must
be ensured, however, that
V
CC is not reduced before the power down mode is invoked, and that VCC
is restored to its normal operating level, before the power down mode is terminated. The reset signal
that terminates the power down mode also restarts the oscillator. The reset should not be activated
before
V
CC is restored to its normal operating level and must be held active long enough to allow the
oscillator to restart and stabilize (similar to power-on reset).
Mode
Entering
Example
Leaving by
Remarks
Idle mode
ORL PCON, #01H
– enabled interrupt
– Hardware Reset
CPU is gated off
CPU status registers maintain
their data.
Peripherals are active
Power Down
Mode
ORL PCON, #02H
Hardware Reset
Oscillators are stopped. Contents
of on-chip RAM and SFR’s are
maintained
(leaving power down mode means
redefinition of SFR’s contents)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com