Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 18 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 18 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 14Page - Siemens Semiconductor Group C511 Datasheet HTML 15Page - Siemens Semiconductor Group C511 Datasheet HTML 16Page - Siemens Semiconductor Group C511 Datasheet HTML 17Page - Siemens Semiconductor Group C511 Datasheet HTML 18Page - Siemens Semiconductor Group C511 Datasheet HTML 19Page - Siemens Semiconductor Group C511 Datasheet HTML 20Page - Siemens Semiconductor Group C511 Datasheet HTML 21Page - Siemens Semiconductor Group C511 Datasheet HTML 22Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Semiconductor Group
18
C511 / C513
Table 5
SFRs - Functional Blocks
Block
Symbol
Name
Address
Contents after
Reset
CPU
ACC
B
DPH
DPL
PSW
SP
SYSCON
Accumulator
B-Register
Data Pointer, High Byte
Data Pointer, Low Byte
Program Status Word
Stack Pointer
System Control Reg. C511/C511A/C513
C513A/C513A-H
E0H
1)
F0H
1)
83H
82H
D0H
1)
81H
B1H
B1H
00H
00H
00H
00H
00H
07H
101X0XXXB
3)
101X0XX0B
3)
Interrupt
System
IE
IP
Interrupt Enable Register
Interrupt Priority Register
A8H
1)
B8H
1)
00H
X0000000B
3)
Ports
P0
P1
P2
P3
Port 0
Port 1
Port 2
Port 3
80H
1)
90H
1)
A0H
1)
B0H
1)
FFH
FFH
FFH
FFH
SSC
SSCCON
STB
SRB
SCF
SCIEN
SSCMOD
SSC Control Register
SSC Transmit Buffer
SSC Receive Register
SSC Flag Register
SSC Interrupt Enable Register
SSC Mode Test Register
E8H
1)
E9H
EAH
F8H
1)
F9H
EBH
07H
XXH
3)
XXH
3)
XXXXXX00B
3)
XXXXXX00B
3)
00H
USART
PCON 2)
SBUF
SCON
Power Control Register
Serial Channel Buffer Register
Serial Channel 1 Control Register
87H
99H
98H
1)
0XXX0000B
3)
XXH
3)
00H
Timer 0 /
Timer 1
TCON
TMOD
TL0
TL1
TH0
TH1
Timer Control Register
Timer Mode Register
Timer 0, Low Byte
Timer 1, Low Byte
Timer 0, High Byte
Timer 1, High Byte
88H
1)
89H
8AH
8BH
8CH
8DH
00H
00H
00H
00H
00H
00H
Timer 2
T2CON
T2MOD
RC2L
RC2H
TL2
TH2
Timer 2 Control Register
Timer 2 Mode Register
Timer 2 Reload/Capture Register, Low Byte
Timer 2 Reload/Capture Register, High Byte
Timer 2 Low Byte
Timer 2 High Byte
C8H
1)
C9H
CAH
CBH
CCH
CDH
00H
XXXXXXX0B
3)
00H
00H
00H
00H
Power
Save Mode
PCON 2)
Power Control Register
87H
0XXX0000B
3)
1)
Bit-addressable special function registers
2)
This special function register is listed repeatedly since some bits of it also belong to other functional blocks.
3)
X means that the value is indeterminate and the location is reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com