Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 30 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 30 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 26Page - Siemens Semiconductor Group C511 Datasheet HTML 27Page - Siemens Semiconductor Group C511 Datasheet HTML 28Page - Siemens Semiconductor Group C511 Datasheet HTML 29Page - Siemens Semiconductor Group C511 Datasheet HTML 30Page - Siemens Semiconductor Group C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group C511 Datasheet HTML 34Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Semiconductor Group
30
C511 / C513
Absolute Maximum Ratings
Ambient temperature under bias (
T
A) ..............................................................
0 ˚C to + 70 ˚C
Storage temperature (
T
ST) ...............................................................................– 65 ˚C to + 150 ˚C
Voltage on
V
CC pins with respect to ground (VSS) ............................................– 0.5 V to 6.5 V
Voltage on any pin with respect to ground (
V
SS) ..............................................– 0.5 V to VCC + 0.5 V
Input current on any pin during overload condition ..........................................– 10 mA to + 10 mA
Absolute sum of all input currents during overload condition ..........................| 100 mA |
Power dissipation.............................................................................................TBD
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage of the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for longer
periods may affect device reliability. During overload conditions (
V
IN > VCC or VIN < VSS) the
Voltage on
V
CC pins with respect to ground (VSS) must not exceed the values defined by the
absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com