Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 40 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 40 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group C511 Datasheet HTML 37Page - Siemens Semiconductor Group C511 Datasheet HTML 38Page - Siemens Semiconductor Group C511 Datasheet HTML 39Page - Siemens Semiconductor Group C511 Datasheet HTML 40Page - Siemens Semiconductor Group C511 Datasheet HTML 41Page - Siemens Semiconductor Group C511 Datasheet HTML 42Page - Siemens Semiconductor Group C511 Datasheet HTML 43Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Semiconductor Group
40
C511 / C513
AC Characteristics of C513A-H Programming Interface
V
CC = 5 V ± 10 %, VSS = 0 V; TA = +25 ˚C ± 10 ˚C;
1/
tCLCL = 8 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
ALE pulse width
t
PLL
60
–
ns
Address setup to ALE
t
PAL
20
–
ns
Address hold after ALE
t
PLA
20
–
ns
Address to valid data out
t
PAD
–
230
ns
PRD/PWR pulse width
t
PCC
250
–
ns
PRD to valid data out
t
PRDV
–
200
ns
Data hold after PWR
t
PWDH
0–ns
Data float after PRD
t
PDZ
–40
ns
Chip select setup to ALE active
t
PCS
0–ns
Chip select hold after PRD/PWR inactive
t
PCH
0–ns
ALE to PWR or PRD
t
PLC
90
–
ns
PWR or PRD high to ALE high
t
PCL
20
–
ns
Data setup before PWR rising edge
t
PWDS
50
–
ns
Data hold after PWR rising edge
t
PWDH
0–ns
Data float after PCS
t
PDF
–40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com