Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 39 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 39 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group C511 Datasheet HTML 37Page - Siemens Semiconductor Group C511 Datasheet HTML 38Page - Siemens Semiconductor Group C511 Datasheet HTML 39Page - Siemens Semiconductor Group C511 Datasheet HTML 40Page - Siemens Semiconductor Group C511 Datasheet HTML 41Page - Siemens Semiconductor Group C511 Datasheet HTML 42Page - Siemens Semiconductor Group C511 Datasheet HTML 43Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
C511 / C513
Semiconductor Group
39
ROM Verification Characteristics (only ROM versions C511 / C511A / C513 / C513A)
Figure 16
ROM Verification Timing
Parameter
Symbol
Limit Values
Unit
min.
max.
Address to valid data
t
AVQV
–48
t
CLCL
ns
ENABLE to valid data
t
ELQV
–48
t
CLCL
ns
Data float after ENABLE
t
EHQZ
048
t
CLCL
ns
Oscillator frequency
1/
t
CLCL
4
6
MHz
Device Type ROM Size
Active Address
Lines at Port 2
Inactive Address
Lines at Port 2
C511
2.5 KB
P2.0 - P2.3 = A8 - A11
P2.4 - P2.6 =
V
SS
C511A
4 KB
P2.0 - P2.3 = A8 - A11
P2.4 - P2.6 =
V
SS
C513
8 KB
P2.0 - P2.4 = A8 - A12
P2.5 - P2.6 =
V
SS
C513A
12/16 KB
P2.0 - P2.5 = A8 - A13
P2.6 =
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com