Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 16 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 16 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 12Page - Siemens Semiconductor Group C511 Datasheet HTML 13Page - Siemens Semiconductor Group C511 Datasheet HTML 14Page - Siemens Semiconductor Group C511 Datasheet HTML 15Page - Siemens Semiconductor Group C511 Datasheet HTML 16Page - Siemens Semiconductor Group C511 Datasheet HTML 17Page - Siemens Semiconductor Group C511 Datasheet HTML 18Page - Siemens Semiconductor Group C511 Datasheet HTML 19Page - Siemens Semiconductor Group C511 Datasheet HTML 20Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Semiconductor Group
16
C511 / C513
CPU
The C511/C513 are efficient both as a controller and as an arithmetic processor. It has extensive
facilities for binary and BCD arithmetic and for bit-handling capabilities. Efficient use of program
memory results from an instruction set consisting of 44 % one-byte, 41 % two-byte, and 15 % three-
byte instructions. With a 12 MHz crystal, 58 % of the instructions execute in 1
µs.
Special Function Register PSW (Address D0H)
Reset Value : 00H
Bit
Function
CY
Carry Flag
AC
Auxiliary Carry Flag (for BCD operations)
F0
General Purpose Flag
RS1 RS0
00
01
10
11
Register Bank select control bits
Bank 0 selected, data address 00H-07H
Bank 1 selected, data address 08H-0FH
Bank 2 selected, data address 10H-17H
Bank 3 selected, data address 18H-1FH
OV
Overflow Flag
F1
General Purpose Flag
P
Parity Flag
Set/cleared by hardware each instruction cycle to indicate an odd/even number of
"one" bits in the accumulator, i.e. even parity.
CY
AC
F0
RS1
D0H
PSW
Bit No.
76543210
MSB
LSB
RS0
OV
F1
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com