Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C511 Datasheet(PDF) 33 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 33 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 29Page - Siemens Semiconductor Group C511 Datasheet HTML 30Page - Siemens Semiconductor Group C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group C511 Datasheet HTML 34Page - Siemens Semiconductor Group C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group C511 Datasheet HTML 37Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
C511 / C513
Semiconductor Group
33
AC Characteristics (applies to all C511/513 Family Microcontrollers)
V
CC = 5 V + 10 %, – 15 %; VSS = 0 V
T
A = 0 ˚C to + 70 ˚C
(
C
L for port 0, ALE and PSEN outputs = 100 pF; CL for all other outputs = 80 pF)
Program Memory Characteristics
*) Interfacing the C511/513 microcontrollers to devices with float times up to 75 ns is permissible. This limited
bus contention will not cause any damage to port 0 drivers.
Parameter
Symbol
Limit Values
Unit
12 MHz
Clock
Variable Clock
1/
t
CLCL = 3.5 MHz to 12 MHz
min.
max.
min.
max.
ALE pulse width
t
LHLL
127
–
2
t
CLCL – 40
–
ns
Address setup to ALE
t
AVLL
43
–
t
CLCL – 40
–
ns
Address hold after ALE
t
LLAX
60
–
t
CLCL – 23
–
ns
ALE low to valid instr in
t
LLIV
–
233
–
4
t
CLCL – 100
ns
ALE to PSEN
t
LLPL
58
–
t
CLCL – 25
–
ns
PSEN pulse width
t
PLPH
215
–
3
t
CLCL – 35
–
ns
PSEN to valid instr in
t
PLIV
–
150
–
3
t
CLCL – 100
ns
Input instruction hold after PSEN
t
PXIX
0
–
0–ns
Input instruction float after PSEN
t
PXIZ
*)
–63
–
t
CLCL – 20
ns
Address valid after PSEN
t
PXAV
*)
75
–
t
CLCL – 8
–
ns
Address to valid instr in
t
AVIV
–
302
–
5
t
CLCL – 115
ns
Address float to PSEN
t
AZPL
0
–
0–ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com