Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 11 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 7Page - IXYS Corporation IXDN0037 Datasheet HTML 8Page - IXYS Corporation IXDN0037 Datasheet HTML 9Page - IXYS Corporation IXDN0037 Datasheet HTML 10Page - IXYS Corporation IXDN0037 Datasheet HTML 11Page - IXYS Corporation IXDN0037 Datasheet HTML 12Page - IXYS Corporation IXDN0037 Datasheet HTML 13Page - IXYS Corporation IXDN0037 Datasheet HTML 14Page - IXYS Corporation IXDN0037 Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
-10
Ballast Demonstrator User Guide
7629A–AVR–04/06
source due to the voltage drop across the source resistor. Enough energy is available
from the current source circuit during the conduction angles to keep the IXI859 (U1) pin
1 greater than 14VDC as required to enable the Under Voltage Lock Out (UVLO) cir-
cuitry in the IXI859.
3.1.9
IXYS IXD611 Half
bridge MOSFET
driver
The IXD611 half bridge driver includes two independent high speed drivers capable of
600mA drive current at a supply voltage of 15V. The isolated high side driver can with-
stand up to 650V on its output while maintaining its supply voltage through a bootstrap
diode configuration. In this ballast application, the IXD611 is used in a half-bridge
inverter circuit driving two IXYS IXTP3N50P power MOSFETs. The inverter load con-
sists of a series resonant inductor and capacitor to power the lamps. Filament power is
also provided by the load circuit and is wound on the same core as the resonant induc-
tor. Pulse width modulation (PWM) is not used in this application, instead the power is
controlled through frequency variation. It is important to note that pulse overlap, which
could lead to the destruction of the two MOSFETs due to current shoot through, is pre-
vented via the input drive signals through the microcontroller. This parameter, also
known as dead time, is not available on this particular driver. However, a dead time
option is built in on other driver models within the IXYS bridge driver family.
Other features of the IXD611 driver include:
– Wide supply voltage operation 10-35V
– Matched propagation delay for both drivers
– Undervoltage lockout protection
– Latch up protected over entire operating range
• +/- 50V/ns dV/dt immunity
3.1.10
IXYS IXTP3N50P
PolarHV N-Channel
Power MOSFET
The IXTP3N50P is a 3A 500V general purpose power MOSFET that comes from the
family of IXYS PolarHV MOSFETs. When comparing equivalent die sizes, PolarHT
results in 50% lower R DS(ON), 40% lower R THJC (thermal resistance, junction to
case), and 30% lower Qg (gate charge) enabling a 30% - 40% die shrink, with the same
or better performance verses the 1st generation power MOSFETs.
Within the ballast demonstrator itself the IXTP3N50 serves two functions. The first of
which is the power switching pair of devices in the half-bridge circuit that drives the
lamps. While a third device serves duty in the main PFC circuit as the power switch that
drives the PFC inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com