Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 14 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 14 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 10Page - IXYS Corporation IXDN0037 Datasheet HTML 11Page - IXYS Corporation IXDN0037 Datasheet HTML 12Page - IXYS Corporation IXDN0037 Datasheet HTML 13Page - IXYS Corporation IXDN0037 Datasheet HTML 14Page - IXYS Corporation IXDN0037 Datasheet HTML 15Page - IXYS Corporation IXDN0037 Datasheet HTML 16Page - IXYS Corporation IXDN0037 Datasheet HTML 17Page - IXYS Corporation IXDN0037 Datasheet HTML 18Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Ballast Demonstrator User Guide
-13
7629A–AVR–04/06
the drive voltage appears across the inductor. A smaller voltage appears across the res-
onating capacitor and the lamps. However with 1 mH gapped inductance, there is
sufficient inductor current to power the filaments.
For lamp ignition, the frequency is reduced from 80 KHz to 40 KHz at 30 KHz/sec
towards resonance causing the lamp voltage to rise to about 340 Vpeak.
Ignition occurs at about 40 KHz for a 18W T8 lamp. The plasma established in the lamp
presents a resistive load across the resonating capacitor thereby reducing the voltage
across the capacitor and shifting the reactive power in the bridge circuit to resistive
power in the lamp.
A further reduction in frequency to 32 KHz at 30 KHz/sec establishes maximum bright-
ness as the resonant circuit now has a leading (capacitive) power factor causing more
voltage and current (approx. 360 Vpeak) across the capacitor and the lamp.
4.2.1.1
Single lamp
operation
Single lamp operation can be detected from the 380VDC bus current through the 1 Ohm
sense resistor. At preheat the current for one lamp is half that for two lamps. This cur-
rent is also used to sense open filament condition or lamp removed under power
condition. An abrupt change in the bus current is a good indicator of lamp condition that
does not require a high frequency response nor a minimal response due to reactive
currents.
Once single lamp condition is detected, the minimum run frequency is determined by
Ix380V = Single Lamp Power. If the single lamp condition occurs during "run" as noted
by a decrease in current of more than 20% from the preset level, increase the frequency
until the single lamp power conditions are met. If the current increases by more than
20% , assume the lamp has been replaced. Step Increase the frequency to 80 KHz to
restart the ignition process. This is necessary to preheat the new lamp filament to
ensure that the hot lamp will not ignite much sooner than the cold lamp exceeding the
balance transformer range.
Repeat ignition sequence. With one cold lamp in parallel with one hot lamp, it may be
necessary to restart several times to get both lamps to ignite.
The AT8xEB5114 internal amplifier has the gain preset in the program to 10. This scales
the lamp current input to a reasonable A/D resolution.
4.2.1.2
Lamp Number
Sequence
After Vbus = 380 V start preheat
Start half-bridge drive with 12.5 uS total period (80 KHz)
If I > 20 ma, then 2 lamps. If I < 20 ma assume a single lamp.
I < 10 ma assume an empty fixture = fault & shutdown.
4.2.1.3
Start Ignition
Sequence
1.
Sweep half-bridge frequency down at 30 KHz/sec
2.
Stop sweep at 40 KHz or 25 uS period (12.5 uS pulses for each ½ bridge FET)
3.
Check I > 100 ma (2 lamps) or > 30 ma (1 lamp) for proof of ignition
4.
Hold ignition frequency for 10 mS
5.
Measure the lamp voltage collapse for proof of ignition (P4.1/AIN1 < 200 mV)
6.
If the lamp voltage has not collapsed, increase frequency to 77 KHz for preheat
for 1 second. Repeat ignition sequence.
7.
Proceed to full power setting at 30 KHz/sec rate after ignition is detected.
4.2.1.4
Power Control
Calculate input power for both lamps = I x 380VDC.
Adjust freq. up (lower power) or down (higher power) at 30 KHz/sec rate.
Limit freq. to 32 KHz to 80 KHz range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com