Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 25 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 25 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 21Page - IXYS Corporation IXDN0037 Datasheet HTML 22Page - IXYS Corporation IXDN0037 Datasheet HTML 23Page - IXYS Corporation IXDN0037 Datasheet HTML 24Page - IXYS Corporation IXDN0037 Datasheet HTML 25Page - IXYS Corporation IXDN0037 Datasheet HTML 26Page - IXYS Corporation IXDN0037 Datasheet HTML 27Page - IXYS Corporation IXDN0037 Datasheet HTML 28Page - IXYS Corporation IXDN0037 Datasheet HTML 29Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
-24
Ballast Demonstrator User Guide
7629A–AVR–04/06
Figure 6-2. Positive Line Half Cycle
1.dV = 2Vpk-Vo-2V
D
2.dQ = CdV or C = dQ/dV
For example, to obtain 15 ma at 20 VDC from a 220 Vrms 50 Hz line:
1.dQ/dt = (15 millijoules/sec)/(50 cycles/sec) or 0.3 millijoules / cycle.
2.Over 1 cycle, the coupling capacitor (C1) will charge from –220V x 1.4 to
+220V x 1.4 – 20V- V
D. dV = 2*Vpk-Vo-2VD.
dV ~= 600V.
3. The required C1 ~ 0.3 millijoules/600V or 0.5 uF
In practice, C1 may have to be larger depending on the amount of ripple allowed by C2
and to account for component tolerances, minimum voltage, and current in the regulator
diode. C1 must be a non-polarized type with a voltage rating to withstand the peak line
voltage including transients. A high quality film capacitor is recommended.
6.2
Appendix 2: PFC
Basics
The function of the PFC boost regulator is to produce a regulated DC supply voltage
from a full wave rectified AC line voltage while maintaining a unity power factor load.
This means that the current drawn from the line must be sinusoidal and in phase with
the line voltage.
The ballast PFC circuit accomplishes this by means of a boost converter operating (See
Figure 6-3) at critical conduction so that the current waveform is triangular (See Figure
6-4).
Figure 6-3. PFC Boost Regulator
AC
C1
VD
VD
C2
“Positive” line half -cycle:
C1 charges to Vpk - VD - Vo with polarity shown.
Vo
Ich2
IDC
+VPK
+ VC1 -
PFC Inductor
PFC BOOST REGULATOR
POWER
VOLTAGE
Vin
Vbus
Ion = (Vin x t )/ L
Ioff
PFC Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com