Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 3Page - IXYS Corporation IXDN0037 Datasheet HTML 4Page - IXYS Corporation IXDN0037 Datasheet HTML 5Page - IXYS Corporation IXDN0037 Datasheet HTML 6Page - IXYS Corporation IXDN0037 Datasheet HTML 7Page - IXYS Corporation IXDN0037 Datasheet HTML 8Page - IXYS Corporation IXDN0037 Datasheet HTML 9Page - IXYS Corporation IXDN0037 Datasheet HTML 10Page - IXYS Corporation IXDN0037 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Ballast Demonstrator User Guide
-5
7629A–AVR–04/06
Section 2
Ballast Demonstrator Device Features
2.1
Atmel Supported
Products
AT89EB5114 Microcontroller
• High speed configurable PWM outputs for PFC and ½ bridge inverter
• 6 Analog inputs for A/D conversion, 2.4V internal reference level
• 3 High speed PWM outputs used for the PFC and ½ bridge driver
• A/D with programmable gain used for efficient current sensing
• SOIC 20 pin package
2.2
IXYS Supported
Products
IXI859 Charge pump with voltage regulator and MOSFET driver
• 3.3V regulator with undervoltage lockout
• Converts PFC energy to regulated 15VDC
• Low propagation delay driver with 15V out and 3V input for PFC FET gate
IXTP3N50P MOSFET
• 500V, low R
DS (ON) power MOSFET, 3 used in design
IXD611S MOSFET driver
• Up to 600mA drive current
• ½ bridge, high and low side driver in a single surface mount IC
• Undervoltage lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com