Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDN0037 Datasheet HTML 1Page - IXYS Corporation IXDN0037 Datasheet HTML 2Page - IXYS Corporation IXDN0037 Datasheet HTML 3Page - IXYS Corporation IXDN0037 Datasheet HTML 4Page - IXYS Corporation IXDN0037 Datasheet HTML 5Page - IXYS Corporation IXDN0037 Datasheet HTML 6Page - IXYS Corporation IXDN0037 Datasheet HTML 7Page - IXYS Corporation IXDN0037 Datasheet HTML 8Page - IXYS Corporation IXDN0037 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
-2
Ballast Demonstrator User Guide
7629A–AVR–04/06
Since the argon conductivity increases and resistance across the lamp ends decreases
as the gas becomes excited, an inductance (ballast) must be used to limit and control
the gas current. In the past, an inductor could be designed to limit the current for a nar-
row range of mains voltage and frequency. A better method to control gas current is to
vary an inductor's volt-seconds to achieve the desired lamp current and intensity. A vari-
able frequency inverter operating from a DC bus can do this. If the inductor is part of an
R-L-C circuit, rapid start ignition and operating currents are easily controlled depending
on the driving frequency versus resonant frequency.
Utility is enhanced by designing a power factor correcting boost converter (PFC) to
achieve the inverter DC bus over a wide mains voltage range of 90 - 265VAC, 50/60 Hz.
Since a PFC circuit keeps the mains current and voltage in phase with very low distor-
tion, mains power integrity is maintained. Additional utility is achieved by designing a
microcontroller for the electronic ballast application that can precisely and efficiently
control power levels in the fluorescent lamp. An application specific microcontroller
offers the designer unlimited opportunity to enhance marketability of lighting products.
The final design topology is shown in the block diagram of Figure 1-3.
1.1
General
Description
Fluorescent ballast topology usually includes line conditioning for CE compliance, a
power factor correction block including a boost converter to 380 V for universal input
applications and a half bridge inverter. Varying the frequency of the inverter permits time
for filament preheat and ignition for rapid starting, including precise power control. As
shown in the block diagram, figure 3, all of these functions can be timed, regulated, and
diagnosed with the Atmel AT89EB5114 microcontroller.
1.2
Ballast
Demonstrator
Features
• Automatic microcontroller non-dimmable ballast
• Universal input _ 90 to 265 VAC 50/60 Hz, 90 to 370 VDC
• Power Factor Corrected (PFC) boost regulator
• Power feedback for stable operation over line voltage range
• Variable frequency half bridge inverter
• 18W, up to 2 type T8 lamps
• Automatic single lamp operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com