Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 24 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 24 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 20Page - IXYS Corporation IXDN0037 Datasheet HTML 21Page - IXYS Corporation IXDN0037 Datasheet HTML 22Page - IXYS Corporation IXDN0037 Datasheet HTML 23Page - IXYS Corporation IXDN0037 Datasheet HTML 24Page - IXYS Corporation IXDN0037 Datasheet HTML 25Page - IXYS Corporation IXDN0037 Datasheet HTML 26Page - IXYS Corporation IXDN0037 Datasheet HTML 27Page - IXYS Corporation IXDN0037 Datasheet HTML 28Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Ballast Demonstrator User Guide
-23
7629A–AVR–04/06
Section 6
Conclusion
The ballast demonstrator shows that the Atmel microcontroller and supporting IXYS
devices can control and regulate one or more fluorescent lamps with precision and effi-
ciency, therefore providing the lamp controller manufacturer with maximum flexibility
with their design. Universal input and power factor control adds to the flexibility of the
design with a minimal addition of more expensive active components.
Additionally, the programmability of the microcontroller offers the lamp manufacturer the
flexibility to add or modify design features to enhance their market position. The ballast
demonstrator, with its many features, does not address all the possibilities available to
the lamp controller designer.
6.1
Appendix 1:
Capacitor
Coupled Low
Voltage Supply
Small currents for the low voltage supply can be obtained from the AC line at low loss by
means of capacitor coupling as shown in the figures below. To estimate the required
size of the coupling capacitor, use the following relationships for current, charge, voltage
and capacitance.
1.dQ/dt = I
DC
Figure 6-1. Negative Line Half Cycle
AC
C1
VD
VD
C2
“Negative” line half -cycle:
C1 charges to Vpk - VD with polarity shown.
Vo
Ich1
IDC
-VPK
-VC1 +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com