Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 5Page - IXYS Corporation IXDN0037 Datasheet HTML 6Page - IXYS Corporation IXDN0037 Datasheet HTML 7Page - IXYS Corporation IXDN0037 Datasheet HTML 8Page - IXYS Corporation IXDN0037 Datasheet HTML 9Page - IXYS Corporation IXDN0037 Datasheet HTML 10Page - IXYS Corporation IXDN0037 Datasheet HTML 11Page - IXYS Corporation IXDN0037 Datasheet HTML 12Page - IXYS Corporation IXDN0037 Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
-8
Ballast Demonstrator User Guide
7629A–AVR–04/06
3.1.3
PFC Boost
Regulator
The PFC (Power Factor Correcting) boost regulator circuit is used to convert the recti-
fied input line voltage to a 380V DC supply while maintaining a sinusoidal average input
current in phase with the input voltage. The microcontroller accomplishes this by switch-
ing the PFC FET with ON times that are constant over a haversine period and by
maintaining nearly critical conduction conditions. Since the current in the PFC inductor
is nearly triangular and its peaks are proportional to the input haversine voltage, the
average current is proportional to the input waveform. Therefore, the power factor is
maintained near unity.
3.1.4
PFC Magnetics
Without going into the derivations of the formulas used, the transformer design is as
follows:
L = [(1.4 * 90VAC) * (20 uS)] / 3.6A peak = 700 uH
A 3.6 Apk maximum FET current is 1.8 A approximately divided by the ON/OFF ratio.
The ON time has been discussed earlier and the OFF time maximum will occur at high
line condition at the peak of the haversine. A 16 mm core was chosen for the recom-
mended power density at 200 mT and 50 KHz.
3.1.5
Lamp Drive
The microcontroller sends rectangular pulses to the half-bridge driver (IXD611). The
IXD611 contains high side and low side FET drivers and floating high side supply cir-
cuitry to produce high side gate drive. (See more detailed description of the IXD611 to
follow) The pulses from the microcontroller are non-overlapping and 180 degrees out of
phase. A deadband time between HBRIDGE HI and HBRIDGE LO pulses insures that
both drivers are never on at the same time. The lamp drive is constant in duty cycle. The
power to the lamps is controlled by varying the frequency of the drive signals. The
IXD611 drives two FETs (IXTP3N50P) in a half-bridge configuration.
The output of the half-bridge is AC coupled by C11 to the lamps through a resonating
transformer and capacitor (T4 and C12). Additional windings on T4 supply filament cur-
rent to the lamps. Balance transformer T3 forces the current to be shared equally by the
two lamps. The lamp currents are conducted to circuit common through a 1 Ohm resis-
tor which is used to sense the lamp current so that lamp power may be controlled by the
microcontroller.
3.1.6
Control
The ballast is controlled by microcontroller U3. U3 is an Atmel AT8xEB5114 with an
80C51 core and specialized circuitry for controlling the ballast. Included are two PWM
units that are used for controlling the PFC drive and the half-bridge drive with deadtime.
An internal analog to digital converter converts input signals so the processor can moni-
tor and control the ballast.
The AT8xEB5114 pin connections for ballast control and scale factors for analog inputs
are as follows:
• P4.0/AIN0 VBus monitor input (VBus = AIN0 x 201)
• P4.1/AIN1 Rectified Lamp Voltage Sense (Vlamp = AIN1 x 294)
• P4.2/AIN2 Lamp AC Voltage (VAC ~= AIN2 x 446)
• P4.3/AIN3 Lamp Current (Amplify by 10) (Ilamp = AIN3/1Ohm)
• P3.3/AIN4 Haversine Voltage input (Vhaversine = AIN4 x 201)
• P3.4/AIN5 Temperature sensor (Vtemp = 1.1V @ 25C || .264V @ 85C)
• P3.6 NC (No Connection)
• P3.5/W1M0 PFC Drive
• P3.2/INT0 Current Zero Crossing Detect (Interrupt)
• P3.1/W0M1 Half Bridge high side drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com