Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 27 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 27 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 23Page - IXYS Corporation IXDN0037 Datasheet HTML 24Page - IXYS Corporation IXDN0037 Datasheet HTML 25Page - IXYS Corporation IXDN0037 Datasheet HTML 26Page - IXYS Corporation IXDN0037 Datasheet HTML 27Page - IXYS Corporation IXDN0037 Datasheet HTML 28Page - IXYS Corporation IXDN0037 Datasheet HTML 29Page - IXYS Corporation IXDN0037 Datasheet HTML 30Page - IXYS Corporation IXDN0037 Datasheet HTML 31Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
-26
Ballast Demonstrator User Guide
7629A–AVR–04/06
6.3
Appendix 3: Bill
of Materials
Item Quantity Reference Part Manufactures Part # Distributors Part #
Distributor
Table 6-1. Bill of Materials
Item
Quantity
Reference
Part
Manufactures Part #
1
1
BR1
600V
DF10S
2
2
C1,C3
1800 pF 250VAC
WYO182MCMBF0K
3
1
C2
1 nF 50V
ECJ-2VB1H102K
4
3
C4,C11,C14
.1 uF 600V
MKP1840410634
5
1
C5
1 nF 250 VAC
ECK-NVS102ME
6
1
C6
47 uF 63V
ECA-1JM470
7
1
C7
10 uF 25V
T491C106K025AS
8
1
C8
1 uF
GRM219F51E105ZA01D
9
1
C9
47 uF 450V
ECO-S2WP470BA
10
2
C10,C31
.022 uF
ECJ-2VF1H223Z
11
1
C12
.01 uF 1500V FILM
MKP100.01/2000/5
12
7
C13,C15,C23,C24,C27,C28,
.1 uF
GRM216F51E104ZA01D
C30
13
2
C16,C17
4.7 nF 630V
ECJ-3FB2J472K
14
4
C18,C19,C21,C22
220 nF 100V
ECJ-4YB2A224K
15
1
C20
.001 uF
GRM2165C1H102JA01D
16
2
C25,C26
100 pF
ECJ-2VC1H101J
17
1
C29
560 pF 5%
ECJ-2VC1H561J
18
1
C32
.01 uF
ECJ-2VB1H103K
19
4
D1,D2,D6,D12
1A-600V/FR
MURS160-13
20
1
D3
15V Zener
MMSZ5245B-7-F
21
9
D4,D5,D7,D9,D11,D13,D15,
LL4148-13
LL4148-13
D17,D20
22
6
D8,D10,D14,D16,D18,D19
MBRS140CT
MBRS140TR
23
3
J1,FL1,FL2
CONNECTOR
1935187
24
1
JP2
JUMPER
929834-03-36
25
1
J2
HEADER 10
10-88-1101
26
1
L1
CM CHOKE
ELF-15N007A
27
1
Q1
IXTP02N50D
IXTP02N50D
28
3
Q3,Q4,Q5
IXTP3N50P
IXTP3N50P
29
1
RT1
10K @ 25C
01C1002JP
30
1
RV1
VARISTOR265VAC
ERZ-V05D471
31
1
R2
18K 5%
32
1
R3
1 OHM 5%
33
3
R5,R24,R25
1K 5%
34
1
R6
20K 5%
35
5
R9,R10,R13,R14,R23
1M 5%
36
2
R19,R20
200 OHM 2W
ERG-3SJ201
37
3
R12,R17,R21
27 OHM 5%
38
1
R15
22K 5%
39
1
R16
100K 1/4W 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com