Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 28 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 28 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 23Page - IXYS Corporation IXDN0037 Datasheet HTML 24Page - IXYS Corporation IXDN0037 Datasheet HTML 25Page - IXYS Corporation IXDN0037 Datasheet HTML 26Page - IXYS Corporation IXDN0037 Datasheet HTML 27Page - IXYS Corporation IXDN0037 Datasheet HTML 28Page - IXYS Corporation IXDN0037 Datasheet HTML 29Page - IXYS Corporation IXDN0037 Datasheet HTML 30Page - IXYS Corporation IXDN0037 Datasheet HTML 31Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Ballast Demonstrator User Guide
-27
7629A–AVR–04/06
40
2
R18,R22
402K 5%
41
1
R26
1 /1%
42
1
R27
1.2K 5%
43
1
R28
464K 5%
44
1
R29
1.8K 5%
45
4
R30,R32,R41,R42
10K 5%
46
1
R31
100K 5%
47
2
R33,R34
22 OHM 5%
48
1
R35
49.9K 1%
49
2
R36,R38
4.7K 5%
50
1
R37
12K 5%
51
2
R39,R40
100 OHM 5%
52
1
TP1
15V
5001
53
3
TP2,TP3,TP8
GND
5001
54
1
TP4
GATEDR
5001
55
1
TP5
GATEHI
5001
56
1
TP6
GATELO
5001
57
1
TP7
VCC
5001
58
1
T1
LPFC
PA1438
59
1
T3
BALANCE
PA1440
60
1
T4
LRES
PA1439
61
1
U1
IXI859
IXI859
62
1
U2
IXD611S
IXD611S
63
1
U3
AT8xC5114
AT8xC5114
64
1
Q3
Heat Sink
531002B02500
1
R11 Leave off
Table 6-1. Bill of Materials
Item
Quantity
Reference
Part
Manufactures Part #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com