Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 23 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 23 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 19Page - IXYS Corporation IXDN0037 Datasheet HTML 20Page - IXYS Corporation IXDN0037 Datasheet HTML 21Page - IXYS Corporation IXDN0037 Datasheet HTML 22Page - IXYS Corporation IXDN0037 Datasheet HTML 23Page - IXYS Corporation IXDN0037 Datasheet HTML 24Page - IXYS Corporation IXDN0037 Datasheet HTML 25Page - IXYS Corporation IXDN0037 Datasheet HTML 26Page - IXYS Corporation IXDN0037 Datasheet HTML 27Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
-22
Ballast Demonstrator User Guide
7629A–AVR–04/06
LAMP_NUMBER_CHECK
Check the preheat current in order to know whether there is one or two lamps
Then jump to the START_IGNITION state.
In case there is no lamp, jump to the NO_LAMP state.
START_IGNITION
Decrease the frequency from the init frequency down to
INVERTER_IGNITION_HALF_PERIOD.
Then jump to IGNITION state.
IGNITION
The ignition sequence consists in maintaining the ignition frequency determined by
INVERTER_IGNITION_HALF_PERIOD for 10ms, then checking for ignition by measur-
ing lamp current and voltage.
In case it is... START_RUN_MODE.
In case it isn't... RESTART_PREHEAT.
RESTART_PREHEAT
Reconfigure the Inverter with the Restart parameters, then LAMP_PREHEAT.
If Ignition fails too many times... Go to TOO_MANY_LAMP_IGNITION_TRIES.
START_RUN_MODE
Increase the frequency from the init frequency, INVERTER_IGNITION_HALF_PERIOD.
Then jump to RUN_MODE state.
RUN_MODE
Normal control loop to have the light in accordance with the gv_lamp_preset_current.
TOO_MANY_LAMP_IGNITION_TRIES
If the ignition has failed LAMP_IGNITION_MAX_TRIES, the lamp is switched off.
NO_LAMP
If during the LAMP_NUMBER_CHECK number no lamp is detected, the lamp is
switched Off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com