Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 2Page - IXYS Corporation IXDN0037 Datasheet HTML 3Page - IXYS Corporation IXDN0037 Datasheet HTML 4Page - IXYS Corporation IXDN0037 Datasheet HTML 5Page - IXYS Corporation IXDN0037 Datasheet HTML 6Page - IXYS Corporation IXDN0037 Datasheet HTML 7Page - IXYS Corporation IXDN0037 Datasheet HTML 8Page - IXYS Corporation IXDN0037 Datasheet HTML 9Page - IXYS Corporation IXDN0037 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Ballast Demonstrator User Guide
-3
7629A–AVR–04/06
Figure 1-2.
Ballast demonstrator assembled board
Figure 1-3.
Non-Dimmable Ballast block diagram
UVLO
15V
3.3V
Regulator
PFC Driver
IX859
PFC BOOST REGULATOR
Driver
Driver
15V
INVERTER
RESONATING
INDUCTOR
AND
FILAMENT
TRANSFORMER
2
11
3
10
5
8
6
7
T4
IXD611
R28
Q5
Q4
C9
C14
D4
Q3
R2
Q1
D2
D3
R9
&
R13
R35
T1
R10
&
R14
R39
11
2
10
3
56
7
C11
T3
BALANCE
TRANSFORMER
AND
LAMPS
POWER
VOLTAGE
R42
PFC Output
Inverter High
Inverter Low
V_HAVERSINE
V_BUS
V_LAMP
I_LAMP
P3.5/W0M1
P3.5W1M0
P3.6/W1M1
P4.0/AIN0
P3.3/AIN4
P4.1/AIN1
P4.3/AIN3
PFC_ZCD
P3.2/INT0
AT89EB5114
8
12
1
PFC Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com