Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 4Page - IXYS Corporation IXDN0037 Datasheet HTML 5Page - IXYS Corporation IXDN0037 Datasheet HTML 6Page - IXYS Corporation IXDN0037 Datasheet HTML 7Page - IXYS Corporation IXDN0037 Datasheet HTML 8Page - IXYS Corporation IXDN0037 Datasheet HTML 9Page - IXYS Corporation IXDN0037 Datasheet HTML 10Page - IXYS Corporation IXDN0037 Datasheet HTML 11Page - IXYS Corporation IXDN0037 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Ballast Demonstrator User Guide
-7
7629A–AVR–04/06
Section 3
Ballast Description
3.1
Circuit Topology
• Line conditioning with input filter and varistor for noise suppression and protection.
• Low Voltage supply
• PFC / boost regulator
• PFC magnetics
• Lamp drive
• Microprocessor control
• Charge pump regulator
• ½ bridge driver
• ½ bridge power MOSFET stage for up to 2 lamps
3.1.1
Line Conditioning
An input filter section consisting of C1, C3, and common mode choke L1 prevent switch-
ing signal frequencies and their harmonics from the PFC boost converter from being
conducted to the mains. Varistor RV1 protects the ballast circuit from line voltage tran-
sients. Full wave bridge rectifier BR1 converts the line AC to a DC haversine. Diode D2
is used to provide a point ahead of the boost inductor and filter where the haversine sig-
nal can be sensed by the microcontroller. This is necessary for the proper timing of the
PFC control drive signal which must maintain a constant ON time pulse width over a
haversine period.
3.1.2
Low Voltage Supply
3.3V microcontroller power and ~ 15V FET drive power are provided by the low voltage
supply consisting of a current source (Q1) and multipurpose IC U1 (IXI589). Internal to
U1 are a 3.3V linear regulator, a 15V (nominal) two point regulator, under-voltage lock-
out comparators and control, charge pump switching circuitry, and a FET driver. (See
more detailed description of the IXI859 below) For startup, the current source formed by
Q1, and its associated components sources current into C6 until the voltage at U1 pin 1
reaches the under-voltage lockout upper limit of approximately 14.1V. The current
source voltage output is limited by zener diode D3 to about 16 V. When the under-volt-
age lockout limit is reached, the IXI859 begins to supply 3.3V to the microcontroller. The
microcontroller then begins to supply drive pulses to the PFC FET Q3 through the
IXI859 FET gate driver. The charge pump regulator circuit is then able to supply 15V
power by efficiently converting energy from the PFC switching circuit. This feature is not
used in the non-dimmable demonstrator design. Rather, a voltage doubler circuit con-
sisting of D4, D20 and C31 connected to the PFC transformer secondary provides 15V
power after startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com